Part Number Hot Search : 
WU20X NTE150 ALD500 SI2301 UPD17246 82C25 OPB741W 81431
Product Description
Full Text Search
 

To Download MB15E07SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds04-21358-4e fujitsu semiconductor data sheet assp single serial input pll frequency synthesizer on-chip 2.5 ghz prescaler MB15E07SL n n n n description the fujitsu MB15E07SL is a serial input phase locked loop (pll) frequency synthesizer with a 2.5 ghz prescaler. the 2.5 ghz prescaler has a dual modulus division ratio of 32/33 or 64/65 enabling pulse swallowing operation. the supply voltage range is between 2.4 v and 3.6 v. the MB15E07SL uses the latest bicmos process, as a result the supply current is typically 3.5 ma at 2.7 v. a refined charge pump supplies well-balanced output currents of 1.5 ma and 6 ma. the charge pump current is selectable by serial data. MB15E07SL is ideally suited for wireless mobile communications, such as gsm (global system for mobile communications) and pcs. n n n n features ? high frequency operation: 2.5 ghz max ? low power supply voltage: v cc = 2.4 to 3.6 v ? ultra low power supply current: i cc = 3.5 ma typ (v cc = vp = 2.7 v, ta = +25 c, in locking state) i cc = 4.0 ma typ (v cc = vp = 3.0 v, ta = +25 c, in locking state) ? direct power saving function: power supply current in power saving mode typ 0.1 m a (v cc = vp = 3.0 v, ta = +25 c), max 10 m a (v cc = vp = 3.0 v) (continued) n n n n packages 16-pin plastic ssop (fpt-16p-m05) 16-pad plastic bcc (lcc-16p-m06)
MB15E07SL 2 (continued) ? dual modulus prescaler: 32/33 or 64/65 ? serial input 14-bit programmable reference divider: r = 3 to 16,383 ? serial input programmable divider consisting of: - binary 7-bit swallow counter: 0 to 127 - binary 11-bit programmable counter: 3 to 2,047 ? software selectable charge pump current ? on-chip phase control for phase comparator ? operating temperature: ta = C40 to +85 c ? pin compatible with mb15e07, mb15e07l n pin assignments osc in osc out v p v cc d o gnd xfin fin f r f p ld / fout zc ps le data clock 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 osc out v p v cc d o gnd xfin f p ld / fout zc ps le data osc in f r fin clock 1 2 3 4 5 678 9 10 11 12 13 14 15 16 (fpt-16p-m05) (lcc-16p-m06) 16-pin ssop 16-pad bcc top view top view
MB15E07SL 3 n pin descriptions pin no. pin name i/o descriptions ssop bcc 116osc in i programmable reference divider input. connection to a tcxo. 21osc out o oscillator output. 32v p C power supply voltage input for the charge pump. 43v cc C power supply voltage input. 54d o o charge pump output. phase of the charge pump can be selected via programming of the fc bit. 6 5 gnd C ground. 7 6 xfin i prescaler complementary input, which should be grounded via a capacitor. 87fini prescaler input. connection to an external vco should be done via ac coupling. 98clocki clock input for the 19-bit shift register. data is shifted into the shift register on the rising edge of the clock. (open is prohibited.) 10 9 data i serial data input using binary code. the last bit of the data is a control bit. (open is prohibited.) 11 10 le i load enable signal input. (open is prohibited.) when le is set high, the data in the shift register is transferred to a latch according to the control bit in the serial data. 12 11 ps i power saving mode control. this pin must be set at l at power-on. (open is prohibited.) ps = h; normal mode ps = l; power saving mode 13 12 zc i forced high-impedance control for the charge pump (with internal pull up resistor.) zc = h; normal do output. zc = l; do becomes high impedance. 14 13 ld/fout o lock detect signal output (ld)/phase comparator monitoring output (fout). the output signal is selected via programming of the lds bit. lds = h; outputs fout (fr/fp monitoring output) lds = l; outputs ld (h at locking, l at unlocking.) 15 14 f po phase comparator n-channel open drain output for an external charge pump. phase can be selected via programming of the fc bit. 16 15 f ro phase comparator cmos output for an external charge pump. phase can be selected via programming of the fc bit.
MB15E07SL 4 n block diagram clock data fin le osc out osc in ps d o v p f r ld / fout f p prescaler 32/33 64/65 xfin gnd v cc md zc c n t sw fc cs lds fr fp . . . . . . . . (16) (1) (2) (3) (4) (5) (6) (7) (15) (14) (13) (12) (11) (10) (9) (8) 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 reference oscillator circuit binary 14-bit reference counter phase comparator lock detector ld/fr/fp selector charge pump current switch 14-bit latch 7-bit latch intermittent mode control (power save) 11-bit latch 1-bit control latch 4-bit latch 19-bit shift register binary 7-bit swallow counter binary 11-bit programmable counter : ssop ( ) : bcc
MB15E07SL 5 n absolute maximum ratings warning: semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. do not exceed these ratings. n recommended operating conditions warning: the recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. all of the devices electrical characteristics are warranted when the device is operated within these ranges. always use semiconductor devices within their recommended operating condition ranges. operation outside these ranges may adversely affect reliability and could result in device failure. no warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. users considering application outside the listed conditions are advised to contact their fujitsu representatives beforehand. parameter symbol condition rating unit remark min max power supply voltage v cc CC0.54.0v v p Cv cc 6.0 v input voltage v i CC0.5v cc +0.5 v output voltage v o except do gnd v cc v v o do gnd v p v storage temperature tstg C C55 +125 c parameter symbol value unit remark min typ max power supply voltage v cc 2.4 3.0 3.6 v v p v cc C5.5v input voltage v i gnd C v cc v operating temperature ta C40 C +85 c
MB15E07SL 6 n electrical characteristics (v cc = 2.4 to 3.6 v, ta = C40 to +85 c) *1 : conditions; fosc = 12 mhz, ta = +25 c, in locking state. *2 : v cc = v p = 3.0 v, fosc = 12.8 mhz, ta = +25 c, in power saving mode parameter symbol condition value unit min typ max power supply current* 1 i cc *1 fin = 2500 mhz, v cc = v p = 2.7 v (v cc = v p = 3.0 v) C 3.5 (4.0) Cma power saving current i ps zc = h or open C 0.1 *2 10 m a operating frequency fin f in C 700 C 2500 mhz osc in osc in C3C40mhz input sensitivity fin *3 pfin 50 w system (refer to the measurement circuit.) C15 C +2 dbm osc in *3 v osc C0.5Cv cc vp-p h level input voltage data, clock, le, ps, zc v ih Cv cc 0.7 C C v l level input voltage v il CCCv cc 0.3 h level input current data, clock, le, ps i ih *4 CC1.0C+1.0 m a l level input current i il *4 CC1.0C+1.0 h level input current osc in i ih C 0 C +100 m a l level input current i il *4 CC100C0 h level input current zc i ih *4 CC1.0C+1.0 m a l level input current i il *4 pull up input C100 C 0 l level output voltage f f f f pv ol open drain output C C 0.4 v h level output voltage f f f f r, ld/fout v oh v cc = v p = 3.0 v, i oh = C1 ma v cc C 0.4 C C v l level output voltage v ol v cc = v p = 3.0 v, i ol = 1 ma C C 0.4 h level output voltage do v doh v cc = v p = 3.0 v, i doh = C0.5 ma v p C 0.4 C C v l level output voltage v dol v cc = v p = 3.0 v, i dol = 0.5 ma C C 0.4 high impedance cutoff current do i off v cc = v p = 3.0 v, v off = 0.5 v to v p C 0.5 v CC2.5na l level output current f f f f pi ol open drain output 1.0 C C ma h level output current f f f f r, ld/fout i oh CCCC1.0 ma l level output current i ol C1.0CC h level output current do i doh *4 v cc = 3 v, v p = 3 v, v do = v p /2 ta = +25 c cs bit = h C C6.0 C ma cs bit = l C C1.5 C l level output current i dol cs bit = h C 6.0 C cs bit = l C 1.5 C charge pump current rate i dol /i doh i domt *5 v do = v p /2 C3C% vs v do i dovd *6 0.5 v v do v p C 0.5 v C 10 C % vs ta i dota *7 C 40 c ta +85 cC10C%
MB15E07SL 7 *3 : ac coupling. 1000 pf capacitor is connected under the condition of min operating frequency. *4 : the symbol C (minus) means direction of current flow. *5 : v cc = v p = 3.0 v, ta = +25 c (|i 3 | C |i 4 |) / [(|i 3 | + |i 4 |) /2] 100(%) *6 : v cc = v p = 3.0 v, ta = +25 c [(|i 2 | C |i 1 |) /2] / [(|i 1 | + |i 2 |) /2] 100(%) (applied to each i dol , i doh ) *7 : v cc = v p = 3.0 v, v do = v p /2 (|i do(85 c) C i do(C40 c) | /2) / (|i do(85 c) + i do(C40 c) | /2) 100(%) (applied to each i dol , i doh ) i 1 i 1 i 3 i 2 i 2 i 4 i dol i doh 0.5 charge pump output voltage (v) vp/2 vp vp - 0.5 v
MB15E07SL 8 n functional description 1. pulse swallow function the divide ratio can be calculated using the following equation: f vco = [(m n) + a] f osc ? r (a < n) f vco : output frequency of external voltage controlled oscillator (vco) n : preset divide ratio of binary 11-bit programmable counter (3 to 2,047) a : preset divide ratio of binary 7-bit swallow counter (0 a 127) f osc : output frequency of the reference frequency oscillator r : preset divide ratio of binary 14-bit programmable reference counter (3 to 16,383) m : preset divide ratio of modulus prescaler (32 or 64) 2. serial data input serial data is processed using the data, clock, and le pins. serial data controls the programmable reference divider and the programmable divider separately. binary serial data is entered through the data pin. one bit of data is shifted into the shift register on the rising edge of the clock. when the le signal pin is taken high, stored data is latched according to the control bit data as follows: table 1. control bit (1) shift register configuration control bit (cnt) destination of serial data h for the programmable reference divider l for the programmable divider 12345678910111213141516171819 c n t r 1 r 2 r 3 r 4 r 5 r 6 r 7 r 8 r 9 r 10 r 11 r 12 r 13 r 14 sw fc lds cs programmable reference counter msb data flow cnt : control bit [table 1] r1 to r14 : divide ratio setting bit for the programmable reference counter (3 to 16,383) [table 2] sw : divide ratio setting bit for the prescaler (32/33 or 64/65) [table 5] fc : phase control bit for the phase comparator [table 8] lds : ld/f out signal select bit [table 7] cs : charge pump current select bit [table 6] note: start data input with msb first. lsb
MB15E07SL 9 table 2. binary 14-bit programmable reference counter data setting note : divide ratio less than 3 is prohibited. table 3. binary 11-bit programmable counter data setting note : divide ratio less than 3 is prohibited. table 4. binary 7-bit swallow counter data setting divide ratio (r) r14 r13 r12 r11 r10 r9 r8 r7 r6 r5 r4 r3 r2 r1 3 0 0 0 0 0000000011 4 0 0 0 0 0000000100 16383 1 1 1 1 1111111111 divide ratio (n)n11n10n9n8n7n6n5n4n3n2n1 3 00000000011 4 00000000100 2047 11111111111 divide ratio (a) a7a6a5a4a3a2a1 0 0000000 1 0000001 127 1111111 12345678910111213141516171819 c n t a 1 a 2 a 3 a 4 a 5 a 6 a 7 n 1 n 2 n 3 n 4 n 5 n 6 n 7 n 8 n 9 n 10 n 11 programmable counter lsb msb data flow cnt : control bit [table 1] n1 to n11 : divide ratio setting bits for the programmable counter (3 to 2,047) [table 3] a1 to a7 : divide ratio setting bits for the swallow counter (0 to 127) [table 4] note: data input with msb first.
MB15E07SL 10 table 5. prescaler data setting table 6. charge pump current setting table 7. ld/fout output select data setting (2) relation between the fc input and phase characteristics the fc bit changes the phase characteristics of the phase comparator. both the internal charge pump output level (d o ) and the phase comparator output ( f r, f p) are reversed according to the fc bit. also, the monitor pin (f out ) output is controlled by the fc bit. the relationship between the fc bit and each of d o , f r, and f p is shown below. table 8. fc bit data setting (lds = h) * : high-z sw prescaler divide ratio h32/33 l64/65 cs current value h 6.0 ma l 1.5 ma lds ld/ f out output signal h fout signal l ld signal fc = high fc = low d o f f f f r f f f f pld/foutd o f f f f r f f f f pld/fout fr > f p hll fout = fr lhz* fout = fp fr < f p lhz* hll fr = f p z* l z* z* l z*
MB15E07SL 11 when designing a synthesizer, the fc pin setting depends on the vco and lpf characteristics. 3. do output control table 9. zc pin setting 4. power saving mode (intermittent mode control circuit) table 10. ps pin setting the intermittent mode control circuit reduces the pll power consumption. by setting the ps pin low, the device enters into the power saving mode, reducing the current consumption. see the electrical characteristics chart for the specific value. the phase detector output, do, becomes high impedance. for the signal pll, the lock detector, ld, remains high, indicating a locked condition. setting the ps pin high, releases the power saving mode, and the device works normally. the intermittent mode control circuit also ensures a smooth startup when the device returns to normal operation. when the pll is returned to normal operation, the phase comparator output signal is unpredictable. this is because of the unknown relationship between the comparison frequency (fp) and the reference frequency (fr) which can cause a major change in the comparator output, resulting in a vco frequency jump and an increase in lockup time. to prevent a major vco frequency jump, the intermittent mode control circuit limits the magnitude of the error signal from the phase detector when it returns to normal operation. when power (v cc ) is first applied, the device must be in standby mode, ps = low, for at least 1 m s. zc pin do output h normal output l high impedance ps pin status h normal mode l power saving mode (1) (2) * : when the lpf and vco characteristics are similar to (1), set fc bit high. * : when the vco characteristics are similar to (2), set fc bit low. vco output frequency lpf output voltage pll lpf vco
MB15E07SL 12 note : ps pin must be set l for power-on . on off v cc clock data le ps (1) (2) (3) t v 3 1 m s t ps 3 100 ns (1) ps = l (power saving mode) at power on (2) set serial data 1 m s later after power supply remains stable (v cc > 2.2 v). (3) release power saving mode (ps: l ? h) 100 ns later after setting serial data.
MB15E07SL 13 n serial data input timing 1st data 2nd data control bit invalid data data clock le msb lsb t 1 t 2 t 3 t 6 t 5 t 4 t 7 ~ ~ ~ ~ note : le should be l when the data is transferred into the shift register. parameter min typ max unit t 1 20 C C ns t 2 20 C C ns t 3 30 C C ns t 4 30 C C ns parameter min typ max unit t 5 100 C C ns t 6 20 C C ns t 7 100 C C ns on the rising edge of the clock, one bit of data is transferred into the shift register.
MB15E07SL 14 n phase comparator output waveform fr fp ld d o d o t wu t wl notes : phase error detection range: C2 p to +2 p pulses on do signal during locked state are output to prevent dead zone. ld output becomes low when phase is t wu or more. ld output becomes high when phase error is t wl or less and continues to be so for three cycles or more. t wu and t wl depend on osc in input frequency. t wu > 2/fosc (s) (e. g. t wu > 156.3 ns, fosc = 12.8 mhz) t wu < 4/fosc (s) (e. g. t wl < 312.5 ns, fosc = 12.8 mhz) ld becomes high during the power saving mode (ps = l). [fc = h] [fc = l]
MB15E07SL 15 n measurment circuit (for measuring input sensitivity fin/osc in ) s ?g 50 w 1000 pf s ?g 50 w 1000 pf 0.1 m f 0.1 m f 86 43 1 9101112 14 75 2 13 15 16 1000 pf v cc fin xfin gnd d o v cc v p osc out osc in clock data le ps zc ld / fout f p f r controller (setting divide ratio) oscilloscope note: ssop-16
MB15E07SL 16 n typical characteristics 1. fin input sensitivity input sensitivity - input frequency (prescaler: 64/65) input frequency fin (mhz) input sensitivity pfin (dbm) input sensitivity - input frequency (prescaler: 32/33) input sensitivity pfin (dbm) input frequency fin (mhz) 10 0 - 10 - 20 - 30 - 40 - 50 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 v cc = 2.4 v v cc = 3.0 v v cc = 3.6 v ta = +25 c 10 0 - 10 - 20 - 30 - 40 - 50 0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400 2600 2800 3000 v cc = 2.7 v v cc = 3.0 v v cc = 3.6 v ta = +25 c spec spec
MB15E07SL 17 2. osc in input sensitivity input sensitivity - input frequency input frequency f osc (mhz) input sensitivity v osc (dbm) 10 0 - 10 - 20 - 30 - 40 - 50 - 60 0 50 100 150 200 v cc = 2.4 v v cc = 3.0 v v cc = 3.6 v ta = +25 c spec
MB15E07SL 18 3. do output current v do - i do v do - i do charge pump output voltage v do (v) charge pump output current i do (ma) charge pump output voltage v do (v) charge pump output current i do (ma) 10.00 C10.00 0 .6000/div 4.800 2.000 /div 0 ta = +25 c v cc = 3.0 v vp = 3.0 v i doh i dol 10.00 C10.00 0 .6000/div 4.800 2.000 /div 0 ta = +25 c v cc = 3.0 v vp = 3.0 v i doh i dol 1.5 ma mode 6.0 ma mode
MB15E07SL 19 4. fin input impedance 5. osc in input impedance 12.646 w ?7.156 w 1 ghz 22.156 w ?2.136 w 1.5 ghz 33.805 w 11.869 w 2 ghz 1 : 2 : 3 : 4 : 23.715 w 8.9629 w 2.5 ghz 1 4 3 2 start 500.000 000 mhz stop 2 500.000 000 mhz 9.917 w ?.643 w 3 mhz 3.7903 w ?.812 w 10 mhz 1.574 w ?.4046 w 20 mhz 1 : 2 : 3 : 4 : 453.12 w ?.9213 w 40 mhz 1 2 3 4 start 1.000 000 mhz stop 50.000 000 mhz
MB15E07SL 20 n reference information (continued) s.g spectrum analyzer osc in fin do lpf vco test circuit f vco = 810.45 mhz k v = 17 mhz/v fr = 25 khz f osc = 14.4 mhz v cc =v p = 3.0 v v vco = 2.3 v ta = +25 c cp : 6 ma mode 9.1 k w 4.2 k w 0.047 m f 1500 pf 4700 pf lpf ref ?.0 dbm att 10 db 10 db/ rbw 1 khz sample vbw 1 khz mkr 25.0 khz ?8.0 db center 810.000 mhz span 200 khz swp 1.0 s ref ?.0 dbm att 10 db 10 db/ rbw 100 hz sample vbw 100 hz mkr 2.28 khz ?3.1 db center 810.000 mhz span 20.0 khz swp 10 s pll reference leakage pll phase noise
MB15E07SL 21 (continued) 846.000 mhz 826.004000 mhz 826.000000 mhz 825.996000 mhz 826.000 mhz 806.000 mhz 500.0 m s/div 500.0 m s/div 810 mh ? 826 mhz within 1 khz lch ? hch 1.30 ms 838.000 mhz 818.000 mhz 798.000 mhz 500.0 m s/div pll lock up time pll lock up time 826 mh ? 810 mhz within 1 khz hch ? lch 1.28 ms 500.0 m s/div 810.004000mhz 810.000000mhz 809.996000mhz
MB15E07SL 22 n n n n application example 10 k w 0.1 m f 1000 pf output v p 12 k w 12 k w 10 k w lpf vco 16 15 14 13 12 11 10 9 123 4 56 78 0.1 m f 1000 pf tcxo 1000 pf lock det. f r f p ld/fout zc clock MB15E07SL from a controller ps le data osc in osc out v p v cc d o gnd xfin fin v p : 5.5 v max notes : ssop-16 in case of using a crystal resonator, it is necessary to optimize matching between the crystal and this lsi, and perform detailed system evaluation. it is recommended to consult with a supplier of the crystal resonator. (reference oscillator circuit provides its own bias, feedback resistor is 100 k w (typ).)
MB15E07SL 23 n usage precautions to protect against damage by electrostatic discharge, note the following handling precautions: -store and transport devices in conductive containers. -use properly grounded workstations, tools, and equipment. -turn off power before inserting device into or removing device from a socket. -protect leads with a conductive sheet when transporting a board-mounted device. n ordering information part number package remarks MB15E07SLpfv1 16-pin, plastic ssop (fpt-16p-m05) MB15E07SLpv1 16-pad, plastic bcc (lcc-16p-m06)
MB15E07SL 24 n n n n package dimensions (continued) c 2003 fujitsu limited f16013s-c-4-6 5.000.10(.197.004) 4.400.10 6.400.20 (.252.008) (.173.004) .049 C.004 +.008 C0.10 +0.20 1.25 (mounting height) 0.10(.004) 0.65(.026) 0.240.08 (.009.003) 1 8 16 9 "a" 0.100.10 (stand off) 0.170.03 (.007.001) m 0.13(.005) (.004.004) details of "a" part 0~8 ? (.024.006) 0.600.15 (.020.008) 0.500.20 0.25(.010) lead no. index * 1 * 2 dimensions in mm (inches ) note : the values in parentheses are reference values. 16-pin plastic ssop (fpt-16p-m05) note 1) *1 : resin protrusion. (each side : +0.15 (.006) max). note 2) *2 : these dimensions do not include resin protrusion. note 3) pins width and pins thickness include plating thickness. note 4) pins width do not include tie bar cutting remainder.
MB15E07SL 25 (continued) c 1999 fujitsu limited c16017s-1c-1 0.325?.10 (.013?004) 3.40(.134)typ "a" 0.40?.10 (.016?004) 2.45(.096) 0.80(.031) ref typ 4.55?.10 (.179?004) 0.80(.031)max mounting height 0.075?.025 (.003?001) (stand off) 0.05(.002) 6 9 1 14 9 14 1 6 0.40?.10 (.016?004) 0.75?.10 (.030?004) details of "a" part 1.725(.068) ref 1.15(.045) ref "b" details of "b" part (.024?004) 0.60?.10 (.024?004) 0.60?.10 0.65(.026) typ index area (.134?004) 3.40?.10 16-pad plastic bcc (lcc-16p-m06) dimensions in mm (inches ) note : the values in parentheses are reference values.
MB15E07SL fujitsu limited all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu sales representatives before ordering. the information, such as descriptions of function and application circuit examples, in this document are presented solely for the purpose of reference to show examples of operations and uses of fujitsu semiconductor device; fujitsu does not warrant proper operation of the device with respect to use based on such information. when you develop equipment incorporating the device based on such information, you must assume any responsibility arising out of such use of the information. fujitsu assumes no liability for any damages whatsoever arising out of the use of the information. any information in this document, including descriptions of function and schematic diagrams, shall not be construed as license of the use or exercise of any intellectual property right, such as patent right or copyright, or any other right of fujitsu or any third party or does fujitsu warrant non-infringement of any third-partys intellectual property right or other right by using such information. fujitsu assumes no liability for any infringement of the intellectual property rights or other rights of third parties which would result from the use of information contained herein. the products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). please note that fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. any semiconductor devices have an inherent chance of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade law of japan, the prior authorization by japanese government will be required for export of those products from japan. f0306 ? fujitsu limited printed in japan


▲Up To Search▲   

 
Price & Availability of MB15E07SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X